Part Number Hot Search : 
T6250925 B310WKF 2SK362BL 5KE18 2SK906 84500 A5800423 CA511
Product Description
Full Text Search
 

To Download UH1D-M3-5AT Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  document number: 89399 for technical ques tions within your region, please cont act one of the following: www.vishay.com revision: 19-apr-11 diodesamericas@vishay.com , diodesasia@vishay.com , diodeseurope@vishay.com 1 this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 surface mount ultrafast rectifier uh1b, uh1c, uh1d vishay general semiconductor new product features ? low profile package ? ideal for automated placement ? oxide planar chip junction ? ultrafast recovery ti mes for high frequency ? meets msl level 1, per j-std-020, lf maximum peak of 260 c ? compliant to rohs directive 2002/95/ec and in accordance to weee 2002/96/ec ? halogen-free according to ie c 61249-2-21 definition typical applications for use in secondary rectification and freewheeling for ultrafast switching speeds ac/ac and dc/dc converters in high temperature conditions for both consumer applications. mechanical data case: do-214ac (sma) molding compound meets ul 94 v-0 flammabi lity rating base p/n-m3 - halogen-free, rohs compliant, and commercial grade terminals: matte tin plated leads, solderable per j-std-002 and jesd 22-b102 m3 suffix meets jesd 201 class 1a whisker test polarity: color band denotes cathode end primary characteristics i f(av) 1.0 a v rrm 100 v, 150 v, 200 v i fsm 30 a t rr 25 ns v f at i f = 1.0 a 0.76 v t j max. 175 c do-214ac ( s ma) maximum ratings (t a = 25 c unless otherwise noted) parameter symbol uh1b uh1c uh1d unit device marking code hb hc hd maximum repetitive pe ak reverse voltage v rrm 100 150 200 v maximum average forward rectified current (fig. 1) i f(av) 1.0 a peak forward surge current 8. 3 ms single ha lf sine-wave superimposed on rated load i fsm 30 a operating junction and storage temperature range t j , t stg - 55 to + 175 c
www.vishay.com for technical qu estions within your region, please contact one of the fo llowing: document number: 89399 2 diodesamericas@vishay.com , diodesasia@vishay.com , diodeseurope@vishay.com revision: 19-apr-11 this document is subject to change without notice. the products described herein and this document ar e subject to specific disclaimers, set forth at www.vishay.com/doc?91000 uh1b, uh1c, uh1d vishay general semiconductor new product notes (1) pulse test: 300 s pulse width, 1 % duty cycle (2) pulse test: pulse width ? 40 ms note (1) free air, mounted on recommended copper pad area. thermal resistance r ? ja - junction to ambient, r ? jm - junction to mount ratings and characteristics curves (t a = 25 c unless otherwise noted) fig. 1 - maximum forward current derating curve fig. 2 - forward power loss characteristics electrical characteristics (t a = 25 c unless otherwise noted) parameter test conditions symbol typ. max. unit instantaneous forward voltage i f = 0.6 a t a = 25 c v f (1) 0.90 - v i f = 1.0 a 0.96 1.05 i f = 0.6 a t a = 125 c 0.70 - i f = 1.0 a 0.76 0.90 reverse current rated v r t a = 25 c i r (2) -1.0 a t a = 125 c 7.5 25 maximum reverse recovery time i f = 0.5 a, i r = 1.0 a, i rr = 0.25 a t a = 25 c t rr 13 25 ns typical reverse recovery time i f = 1.0 a, di/dt = 50 a/s, v r = 30 v, i rr = 0.1 i rm 21 30 typical softness factor (t b /t a ) i f = 1.0 a, di/dt = 200 a/s, v r = 200 v t a = 125 c s0.8 - - typical reverse recovery current i rm 2.7 4.0 a typical stored charge q rr 35 - nc typical junction capacitance 4.0 v, 1 mhz c j 17 - pf thermal characteristics (t a = 25 c unless otherwise noted) parameter symbol uh1b uh1c uh1d unit typical thermal resistance r ? ja (1) 120 c/w r ? jm (1) 20 ordering information (example) preferred p/n unit weight (g) preferred pa ckage code base quantity delivery mode uh1d-m3/61t 0.064 61t 1800 7" diam eter plastic tape and reel uh1d-m3/5at 0.064 5at 7500 13" di ameter plastic tape and reel 0 1.2 95 105 115 125 135 145 155 165 average forward rectified current (a) lead temperature (c) 0.8 1.0 0.2 0.4 0.6 175 t l measured at the cathode band terminal 1.0 0.4 0.3 0.2 0.1 0 0 0.2 0.4 0.6 0.8 1.0 1.2 average forward current (a) average power loss (w) d = 0.1 d = 0.2 d = 0.3 d = 0.5 d = 0.8 d = 1.0 d = t p /t t p t 0.9 0.8 0.7 0.6 0.5
document number: 89399 for technical ques tions within your region, please cont act one of the following: www.vishay.com revision: 19-apr-11 diodesamericas@vishay.com , diodesasia@vishay.com , diodeseurope@vishay.com 3 this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 uh1b, uh1c, uh1d vishay general semiconductor new product fig. 3 - typical instantaneous forward characteristics fig. 4 - typical reverse characteristics fig. 5 - typical j unction capacitance fig. 6 - typical transient thermal impedance package outline dimensions in inches (millimeters) instantaneous forward current (a) instantaneous forward voltage (v) 0.2 0.4 0.6 0.8 1.0 0.01 0.1 1 10 100 1.2 1.8 t a = 150 c t a = 125 c t a = 175 c t a = 25 c 1.6 1.4 t a = 100 c t a = 25 c t a = 150 c t a = 125 c t a = 100 c percent of rated peak reverse voltage (%) 1000 100 1 0.1 0.01 10 10 40 60 80 100 instantaneous reverse current (a) t a = 175 c 20 50 70 90 30 reverse voltage (v) junction capacitance (pf) 0.1 10 1 100 10 100 1 t j = 25 c f = 1.0 mhz v sig = 50 mv p-p 0.1 10 1 100 1 10 1000 0.01 t - pulse duration (s) transient thermal impedance (c/w) 100 junction to ambient 0.008 (0.203) 0.194 (4.93) 0.208 (5.28) 0.157 (3.99) 0.177 (4.50) 0.100 (2.54) 0.110 (2.79) 0.078 (1.98) 0.090 (2.29) 0.006 (0.152) 0.012 (0.305) 0.049 (1.25) 0.065 (1.65) cathode band 0 (0) do-214ac ( s ma) mountin g pa d layout 0.074 (1.88) max. 0.208 (5.28) ref. 0.066 (1.68) min. 0.060 (1.52) min. 0.030 (0.76) 0.060 (1.52)
document number: 91 000 www.vishay.com revision: 11-mar-11 1 disclaimer legal disclaimer notice vishay all product, product specifications and data ar e subject to change without notice to improve reliability, function or design or otherwise. vishay intertechnology, inc., its affiliates, agents, and employees, and all persons acting on its or their behalf (collectivel y, vishay), disclaim any and all liability fo r any errors, inaccuracies or incompleteness contained in any datasheet or in any o ther disclosure relating to any product. vishay makes no warranty, representation or guarantee regarding the suitability of the products for any particular purpose or the continuing production of any product. to the maximum extent permitted by applicab le law, vishay disc laims (i) any and all liability arising out of the application or use of any product, (ii) any and all liability, incl uding without limitation specia l, consequential or incidental dama ges, and (iii) any and all impl ied warranties, including warran ties of fitness for particular purpose, non-infringement and merchantability. statements regarding the suitability of pro ducts for certain types of applications are based on vishays knowledge of typical requirements that are often placed on vishay products in gene ric applications. such statements are not binding statements about the suitability of products for a partic ular application. it is the customers responsibility to validate that a particu lar product with the properties described in th e product specification is su itable for use in a particul ar application. parameters provided in datasheets an d/or specifications may vary in different applications and perfo rmance may vary over time. all operating parameters, including typical pa rameters, must be validated for each customer application by the customers technical experts. product specifications do not expand or otherwise modify vishays term s and conditions of purchase, including but not limited to the warranty expressed therein. except as expressly indicated in writing, vishay products are not designed for use in medical, life-saving, or life-sustaining applications or for any other application in which the failure of the vishay product co uld result in person al injury or death. customers using or selling vishay products not expressly indicated for use in such applications do so at their own risk and agr ee to fully indemnify and hold vishay and it s distributors harmless from and against an y and all claims, liabilities, expenses and damages arising or resulting in connection with such use or sale, including attorneys fees, even if such claim alleges that vis hay or its distributor was negligent regarding the design or manufact ure of the part. please contact authorized vishay personnel t o obtain written terms and conditions regarding products designed fo r such applications. no license, express or implied, by estoppel or otherwise, to any intelle ctual property rights is gran ted by this document or by any conduct of vishay. product names and markings noted herein may be trademarks of their respective owners.


▲Up To Search▲   

 
Price & Availability of UH1D-M3-5AT

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X